|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Photodiode-Chip Preliminary Wavelength range Blue, selective 460 360 300 EPC-470-0.5 11.04.2007 Type Integrated filter Technology GaP rev. 07/07 Electrodes P (anode) up typ. dimensions (m) typ. thickness 300 ( 40) m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m Description Narrow bandwidth and high spectral sensitivity in blue-green range (425...525 nm), low cost chip Applications Fluorescence detection, measurement systems, color sensors Miscellaneous Parameters Tamb = 25C, unless otherwise specified Parameter Active area Temperature coefficient of I Ph Temperature coefficient of I D Operating temperature range Storage temperature range T = -40...120C T = -40...120C Test onditions Symbol A TC(IPh) TC(ID) Tamb Tstg Value 0.17 0.15 1.05 -40 to +125 -40 to +125 Unit mm %/K 1/K C C Optical and Electrical Characteristics Tamb = 25C, unless otherwise specified Test Parameter conditions IR = 10 A Reverse voltage3 Dark current (Ee = 0 W/m) Central sensitivy wavelength Responsivity at Responsivity at C1 C2 VR = 5 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V Symbol VR ID C S S 0.5 min, max 0,5 425 380 100 460 Min 5 5 470 0.18 0.30 525 570 30 480 Typ Max Unit V pA nm A/W A/W nm nm nm Spectral range at 0.5 max. Sensitivity range at 1% Spectral bandwidth at 50% 1 2 Measured on bare chip on TO-18 header Measured on epoxy covered chip on TO-18 header 3 information only Labeling Type EP-470-0.5 Typ. ID [pA] Typ. S[A/W] Lot N Quantity Packing: Chips on adhesive film with wire-bond side on top *Note: All measurements carried out with EPIGAP equipment EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 2 Photodiode-Chip Preliminary 11.04.2007 EPC-470-0.5 rev. 07/07 Typical Optical Responsivity (A/W) 0,20 0,15 0,10 0,05 350 400 450 500 Wavelength [nm] 550 600 EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 2 of 2 |
Price & Availability of EPC-470-05 |